PART |
Description |
Maker |
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1683490000 |
Feed-Through Terminal; No. of Positions:1; Wire Size (AWG):12-30; Mounting Type:Clipped RoHS Compliant: Yes 27 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
BB-2781-10X |
InsulKrimp Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,InsulKrimp Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,
|
Molex Electronics Ltd.
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
0191390011 191390011 AA-834-06 |
Avikrimp?/a> Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291) Avikrimp Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291)
|
Molex Electronics Ltd.
|
0191390018 191390018 AA-838-06 |
Avikrimp Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 6.22mm(.245)
|
Molex Electronics Ltd.
|
AA-234-06X |
InsulKrimp Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6,Length 19.94mm (.785)
|
Molex Electronics Ltd.
|
19221-0316 19221-0314 19221-0342 19221-0317 19221- |
Ring Tongue Terminal; Wire Size (AWG):6; Stud Size:1/4 COPPER ALLOY, TIN FINISH, WIRE TERMINAL Ring Tongue Terminal; Wire Size (AWG):500 MCM; Stud Size:1/2 COPPER ALLOY, TIN FINISH, WIRE TERMINAL Ring Tongue Terminal; Wire Size (AWG):400 MCM; Stud Size:1/2 COPPER ALLOY, WIRE TERMINAL Ring Tongue Terminal; Wire Size (AWG):4; Stud Size:1/4 COPPER ALLOY, TIN FINISH, WIRE TERMINAL Ring Tongue Terminal; Wire Size (AWG):1; Stud Size:5/16 COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
39990-0312 39990-0310 39991-0311 39990-0302 39990- |
Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:12; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:10; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 11 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ck02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 17 ASY DELTA 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 16 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ckt08 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 15 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
|